Part Number Hot Search : 
FESF16DT DDTC1 DG423DN UES702 87C575 H1CEDC2 NJM2273 25616
Product Description
Full Text Search
 

To Download CLU029-1203C8-273H5R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ref.ce - 0133p - 201801 data sheet introduction performance characteristics mechanical dimensions characteristic curves reliability packing specification precaution p 2 p 3 p 5 p 6 p 9 p 10 p 11 citiled high current cob standard type ra90 min. model clu029-1203c8
ref.ce - 0133p - 201801 1. introduction 1 - 1. product description 1 - 2. features 2 clu029 - 12 03 c8 - 27 3 h5 r2 [1] [2] [3] [4] [5] [1] : [2] : [3] : [4] : [5] : nominal cct cri (ra) product nomenclature clu029 12 03 2700k 90 min. product shape die count in series die count in parallel ? mechanical dimensions : 13.5 13.5 1.65 (mm) ? package structure : aluminum base chip on board ? reference assembly : m3 screw, connector ? cri (ra) : 90 min. ? nominal cct : 2,700k, 3,000k, 3,500k, 4,000k ? chromaticity range : 3-step macadam ellipse, the center refers to ansi c78.377:2017. ? thermal resistance : 0.95c/w ? maximum drive current : 1050ma ? rohs compliant ? better die arrangement for optics ? wide range of luminous flux and high efficacy ? improved lumen density compared with previous version citizen electronics is the first cob manufacture. our advanced knowledge and packaging technology for many years has excellent reliability and high quality of our products. the new package high current cob type represents a new breakthrough for cob led package. the maximum ratings of current density has succeeded to be increased into highest level. the operating temperature range also dramatically expanded wider ever. it will help for breaking the limits of led luminaire design. high current cob type share the same outline design and les size as standard type ver.1 6). 3-step macadam ellipse color definition at tj=85c is available for ensuring uniform optical performance in various applications.
ref.ce - 0133p - 201801 2. performance characteristics 2 - 1. electro optical characteristics 2 - 2. absolute maximum ratings 3 ( tj=85c ) ra r9 tc25c* min. min. min. typ. typ. typ. min. typ. max. CLU029-1203C8-273H5R2 2700k 90 50 1,323 1,504 1,620 122 360 31.4 34.2 37.0 0.95 clu029-1203c8-303h5r2 3000k 90 50 1,376 1,565 1,685 127 360 31.4 34.2 37.0 0.95 clu029-1203c8-353h5r2 3500k 90 50 1,401 1,593 1,715 129 360 31.4 34.2 37.0 0.95 clu029-1203c8-403h5r2 4000k 90 50 1,405 1,597 1,720 130 360 31.4 34.2 37.0 0.95 notes : 1. citizen electronics maintains a tolerance of 10% on luminous flux measurements. 2. citizen electronics maintains a tolerance of 3% on forward voltage measurements. 3. citizen electronics maintains a tolerance of 1 on ra measurements. * : values of luminous flux at tc=25c are provided as reference only. product code forward current ( ma ) thermal resistance rj-c ( c/w ) cri nominal cct luminous flux ( lm ) efficacy ( lm/w ) voltage ( v ) tj85c symbol rating pi 46.8 *1 if 1050 *1 i r 1 t op -40 ~ +100 t st -40 ~ +100 tc 130 *2 tj 165 *3 *2. refer to 3. outline drawing for tc measurement point. *3. d.c. current : tj = tc + rj-c pi parameter input power (w) forward current (ma) reverse current (ma) storage temperature (c) case temperature ( c) junction temperature ( c) operating temperature ( c) *1. input power and forward current are the values when the led is used within the range of the derating curve in this data sheet.
ref.ce - 0133p - 201801 2 - 3. chromaticity characteristics 4 2,700k ( 0.4578 , 0.4101 ) 3,000k ( 0.4339 , 0.4033 ) 3,500k ( 0.4078 , 0.3930 ) 4,000k ( 0.3818 , 0.3797 ) 0.00951 0.00417 52.97 0.00939 0.00402 54.00 color region nominal cct center point ( x, y ) oval parameter major axis a minor axis b ellipse rotation angle ( rated current, tj=85 c ) 57.28 0.00834 0.00408 53.17 0.00774 0.00411 3-step macadam ellipse * color region stay within macadam 3-step ellipse from the chromaticity center. * the chromaticity center refers to ansi c78.377:2017. * is the angle between the major axis of the ellipse and the x-axis, and a and b are the major and minor semi-axes of an ellipse. ( ref. iec 60081:1997 annexd ) note : citizen electronics maintains chromaticity ( x, y ) +/-0.005 0.30 0.35 0.40 0.45 0.30 0.35 0.40 0.45 0.50 y x x - y chart cie1931 4,000k 3,500k 3,000k 2,700k black body locus 3 - step
ref.ce - 0133p - 201801 3. mechanical dimensions 5 ? internal circuit 12 s 03 p protection d evice led d evice cathode an ode unit : mm tolerances unless otherwise specified : +/-0.3 marking 1 : serial no. marking 2 : code no. cri cct dies count in parallel dies count in series clu0x9 series marking 3 : data matrix aa 12 03 ** ** *
ref.ce - 0133p - 201801 4. characteristic curves 4 - 1. forward current characteristics / temperature characteristics 6 forward current vs. forward voltage forward current vs. relative luminous flux tc=25c tc=25c case temperature vs. forward voltage case temperature vs. relative luminous flux if=360ma if=360ma 30.0 32.0 34.0 36.0 38.0 40.0 42.0 0 200 400 600 800 1000 1200 vf [v] if [ma] 0% 50% 100% 150% 200% 250% 300% 0 200 400 600 800 1000 1200 relative luminous flux [a.u.] if [ma] 32.0 33.0 34.0 35.0 36.0 37.0 0 20 40 60 80 100 120 140 vf [v] tc [ c ] 0% 20% 40% 60% 80% 100% 120% 0 20 40 60 80 100 120 140 relative luminous flux [a.u.] tc [ c ]
ref.ce - 0133p - 201801 4 - 2. optical characteristics 7 tj=85c if=360ma spectrum : cri(ra) 90 min. 0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100% 380 430 480 530 580 630 680 730 780 radiative intensity wave length [nm] 4,000k 3,500k 3,000k 2,700k
ref.ce - 0133p - 201801 4 - 2. optical characteristics (continued) 4 - 3. derating characteristics 8 radiation characteristic 0% 20% 40% 60% 80% 100% x y 80 70 60 50 40 30 20 10 - 80 - 70 - 60 - 50 - 20 - 30 - 40 - 10 90 - 90 case temperature vs. allowable forward current 0 200 400 600 800 1000 1200 0 20 40 60 80 100 120 140 if [ma] tc [ c ]
ref.ce - 0133p - 201801 5. reliability 5 - 1. reliability test 5 - 2. failure criteria 9 -40 c 30 minutes C 100 c 30 minutes, 100 cycle 85 c, 85 %rh for 500 hours thermal shock test continuous operation test high temperature storage test low temperature storage test moisture-proof test if=360ma , tj=165c (with al-fin) 1000hrs test item 100 c 1000 hours -40 c 1000 hours test condition if=360ma , ta= 25c (with al-fin) 1000hrs ( tc=25c ) u defines the upper limit of the specified characteristics. s defines the initial value. note : measurement shall be taken between 2 hours and 24 hours, and the test pieces should be return to the normal ambient conditions after the completion of each test. total luminous flux v if=360ma u 1.1
ref.ce - 0133p - 201801 6. packing specification 6 - 1. packing 10 customer type p.no lot no q'ty : clu*** - ****** - ******* : ****** : ******* : *** --- ( 1 ) --- ( 2 ) --- ( 3 ) --- ( 4 ) 1. type e.g. clu029-1203c8 2. p.no. ( customer's p/n ) 3. lot no. 1 8 2 5 0 3 5 (b) (a) last two digit of the year 18 : year 2018 (b) production month 2 : february note: october, november and december are designated x,y and z. (c) ce's control number 4. quantity (a) (c) example of indication label e.g. an empty tray is placed on top of a 6-tier tray which contain 54 pieces each. ( smallest packing unit : 324 pieces ) a label with product name, quantity and lot number is placed on the upper empty tray. tray ( dimensions: 310 x 210 x 12 mm / materials: electrically conductive ps ) unit : mm product : 54 pcs/tray
ref.ce - 0133p - 201801 7. precaution 7 - 1. handling with care for this product - both the light emitting area and white rim around the light emitting area is composed of resin materials. please avoid the resin area from being pressed, stressed, rubbed, come into contact with sharp metal nail ( e.g. edge of reflector part) because the function, performance and reliability of this product are negatively impacted. - please be aware that this product should not come into contact with any other parts while incorporating in your lighting apparatus or your other products . - please be aware that careful handling is required after the attachment of lead wires to prevent the application of any load to the connections. - for more information, please refer to application note "instruction manual(cob led package )". 7 - 2. countermeasure against static electricity - handling of this product needs countermeasures against static electricity because this is a semiconductor product. - please take adequate measures to prevent any static electricity being produced such as the wearing of a wristband or anti - static gloves when handling this product. - every manufacturing facility in regard to the product (plant, equipment, machine, carrier machine and conveyance unit) should be connected to ground and please avoid the product to be electric - charged. - esd sensitivity of this product is over 1000v (hbm, based on jeita ed - 4701/304). - after assembling the leds into your final product(s), it is recommended to check whether the assembled leds are damaged by static electricity (electrical leak phenomenon) or not. - it is easy to find static damaged led dies by a light - on test with the minimum current value. 7 - 3. caution of product assembly - regarding this product assembling on the heat sink, it is recommended to use m3 screw. it might be good for screw tightening on the heat sink to do temporary tightening and final tightening. in addition, please dont press with excess stress on the product. - the condition of the product assembling on the heat sink and the control of screw tightening torque needs to be optimized according to the specification of the heat sink. - roughness, unevenness and burr of surface negatively impact thermal bonding between the product and heat sink and increase heat thermal resistance between them. confidence of thermally and mechanical coupling between the product and heat sink are confirmed by checking the mounting surface and measuring the case temperature of the product. - in order to reduce the thermal resistance at assembly, it might be good to use tim (thermal interface material) on whole contact surface of the product. in case of using thermal grease for the tim, it might be good to apply uniformly on the contact surface of the product. in case of using thermal sheet for the tim, it might be good to make sure that the product is not strained by stress when the screws are tightened for assembly . - for more information, please refer to application note "instruction manual(cob led package )". 11
ref.ce - 0133p - 201801 7 - 4. thermal design - the thermal design to draw heat away from the led junction is most critical parameter for an led illumination system. high operating temperatures at the led junction adversely affect the performance of leds light output and lifetime. therefore the led junction temperature should not exceed the absolute maximum rating in led illumination system. - the led junction temperature while operation of led illumination system depends upon thermal resistance of internal led package (rj - c), outer thermal resistances of led package, power loss and ambient temperature. please take both of the thermal design specifications and ambient temperature conditions into consideration for the setting of driving conditions . - for more information, please refer to application note "thermal management", "instruction manual(cob led package )" . 7 - 5. driving current - a constant current is recommended as an applying driving current to this product. in the case of constant voltage driving, please connect current - limiting resistor to each products in series and control the driving current to keep under the absolute maximum rating forward current value. - electrical transient might apply excess voltage, excess current and reverse voltage to the product(s). they also affect negative impact on the product(s) therefore please make sure that no excess voltage, no excess current and no reverse voltage is applied to the product(s) when the led driver is turn - on and/or turn - off. - for more information, please refer to application note "driving " , "instruction manual(cob led package)". 7 - 6. lighting at a minimum current value - a minimum current value of lighting of all dice is 15ma. when a minimum current is applied, led dice may look different in their brightness due to the individual difference of the led element, and it is not a failed product. 7 - 7. electrical safety - this product is designed and produced according to iec 62031:2008 ( iec 62031:2008 led modules for general lighting. safety specification) - dielectric voltage withstand test has been conducted on this product to see any failure after applying voltage between active pads and aluminum section of the product, and to pass at least 500v. - considering conformity assessment for iec62031:2008, almost all items of the specification depend upon your final product of led illumination system . therefore , please confirm with your final product for electrical safety of your product. as well, the products comply with the criteria of iec62031:2008 as single led package. 12 - a minimum current value of lighting of all dice is 15 ma. when a minimum current is applied, led dice may look different in their brightness due to the individual difference of the led element, and it is not a failed product.
ref.ce - 0133p - 201801 7 - 8. recommended soldering condition (this product is not adaptable to reflow process.) - for manual soldering please use lead - free soldering. soldering shall be implemented using a soldering bit at a temperature lower than 350c , and shall be finished within 3.5 seconds for one land. no external force shall be applied to resin part while soldering is implemented. next process of soldering should be carried out after the product has return to ambient temperature. contacts number of soldering bit should be within twice for each terminal. * citizen electronics cannot guarantee if usage exceeds these recommended conditions. please use it after sufficient verification is carried out on your own risk if absolutely necessary. - for more information, please refer to application note "instruction manual(cob led package)". 7 - 9. eye safety - the international electrical commission (iec) published in 2006 iec 62471 2006 photobiological safety of lamps and lamp systems which includes leds within its scope. when sorting single leds according to iec 62471, almost all white leds can be classified as belonging to either exempt group (no hazard) or risk group 1 (low risk). - however, optical characteristics of leds such as radiant flux, spectrum and light distribution are factors that affect the risk group determination of the led, and especially a high - power led, that emits light containing blue wavelengths, might have properties equivalent to those of risk group 2 (moderate risk). - great care should be taken when directly viewing an led that is driven at high current, has multiple uses as a module or when focusing the light with optical instruments, as these actions might greatly increase the hazard to your eyes. - it is recommended to regard the evaluation of stand - alone led packages as a reference and to evaluate your final product. 7 - 10. this product is not designed for usage under the following conditions. if the product might be used under the following conditions, you shall evaluate its effect and appropriate them. in places where the product might: - directly and indirectly get wet due to rain and/or at place with the fear. - be damage by seawater and/or at place with the fear - be exposed to corrosive gas (such as cl2, h2s, nh3, sox, nox and so on) and/or at place with the fear. - be exposed to dust, fluid or oil and/or at place with the fear. 13
ref.ce - 0133p - 201801 precautions with regard to product use (1) this document is provided for reference purposes only so that citizen electronics' products are used as intended. citizen electronics neither makes warranties or representations with respect to the accuracy or completeness of the informatio n contained in this document nor grants any license to any intellectual property rights or any other rights of citizen electronics or any third party with respect to the information in this document. (2) all information included in this document such as product data, diagrams, charts, is current as of the date this document is issued. such information, however, is subject to change without any prior notice . before purchasing or using any citizen electronics' products listed in this document, please confirm the latest product information with a citizen electronics' sales office, and formal specifications must be exchanged and signed by both parties prior to mass production . (3) citizen electronics has used reasonable care in compiling the information included in this document, but citizen electronics assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. (4) absent a written signed agreement, except as provided in the relevant terms and conditions of sale for product, and to the maximum extent allowable by law, citizen electronics assumes no liability whatsoever, including without limitation, indirect, consequential, special, or incidental damages or loss, including without limitation, loss of profits, l oss of opportunities, business interruption and loss of data, and disclaims any and all express or implied warranties and conditions related to sale, use of product, or information, including warranties or conditions of merchantability, fitness fo r a particular purpose, accuracy of information, or no infringement . (5) though citizen electronics works continually to improve products' quality and reliability, products can malfunction or fail. customers are responsible for complying with safety standards and for providing adequate designs and safeguards to minimize risk and avoid situations in which a malfunction or failure of a product could cause loss of human life, bodily injury or damage to property, including data loss or corruption. in addition, customers are also responsible for determining the appropriateness of use of any information contained in this document such as application cases not only with evaluating by their own but also by the entire system. citizen electronics assumes no liability for customers' product design or applications . (6) please contact citizen electronics' sales office if you have any questions regarding the information contained in this document, or if you have any other inquiries. citiled is a registered trademark of citizen electronics co., ltd. japan 14
ref.ce - 0133p - 201801 is a trademark or a registered trademark of citizen electronics co., ltd. japan. 15


▲Up To Search▲   

 
Price & Availability of CLU029-1203C8-273H5R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X